PART |
Description |
Maker |
CDM6116AC_3 CDM6116AC CDM6116AC/3 |
High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM
|
List of Unclassifed Manufacturers ETC
|
CXK591000YM-55LL CXK591000TM CXK591000TM-10LL CXK5 |
131/072-word X 9-bit High Speed CMOS Static RAM 131,072-word X 9-bit High Speed CMOS Static RAM 131,072字9位高速CMOS静态RAM 128 x 64 pixel format, LED Backlight available 131,072字9位高速CMOS静态RAM
|
SONY[Sony Corporation] Sony, Corp.
|
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MSM51257CLL |
32,768-Word ?8-Bit CMOS STATIC RAM(32k瀛??浣????AM) 32,768-Word x 8-Bit CMOS STATIC RAM From old datasheet system 32,768-Word ×8-Bit CMOS STATIC RAM(32k字位静态RAM)
|
OKI SEMICONDUCTOR CO., LTD.
|
TC55W800FT |
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
|
Toshiba Corporation
|
M5M51016BRT-10LL M5M51016BRT-10L D98007 M5M51016BT |
1048576-BIT(65536-WORD BY 16-BIT) CMOS STATIC RAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM From old datasheet system 1048576-BIT(65536-16-1048576-BIT(65536-WORD WORDBY BY16-BIT)CMOS STATIC RAM
|
Mitsubishi Electric Corporation
|
TC55V16648BBFT-10 TC55V16648BBFT-12 TC55V16648BBFT |
65,536-WORD BY 16-BIT CMOS STATIC RAM 65,536字由16位的CMOS静态RAM MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 65,536-WORD BY 16 BIT CMOS STATIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
M5M5V108CFP-10HI M5M5V108CFP-10XI M5M5V108CFP-70HI |
1048576-bit (131072-word by 8-bit) CMOS static RAM From old datasheet system 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M51016BRT-10L-I M5M51016BRT-10LL-I M5M51016BRT-7 |
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM 1048576位(65536字由16位)的CMOS静态RAM From old datasheet system 1048576-1048576-BIT CMOS STATICRAM 1048576-BIT(65536-WORD BY 16-BIT) CMOS STATIC RAM
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M5M51008CFP M5M51008CKR-55 M5M51008CKR-55X M5M5100 |
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静RAM Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
TC55257BFL-10L TC55257BFL-85 TC55257BPL-10 TC55257 |
85ns; V(dd/in): -0.3 to 7.0V; silicon gate CMOS: 32,768 word x 8-bit staic RAM (TC55257xxx) SILICON GATE CMOS 32768 WORD X 8 BIT STATIC RAM SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM 硅栅CMOS 32768字8位静态RAM
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|